Part Number Hot Search : 
0430201 HC00A 2SD1856 TA124 H2005A 00400 C1203 AH116
Product Description
Full Text Search
 

To Download BLF2022-70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D379
BLF2022-70 UHF power LDMOS transistor
Product specification Supersedes data of 2001 Nov 27 2002 May 17
Philips Semiconductors
Product specification
UHF power LDMOS transistor
FEATURES * High power gain * Easy power control * Excellent ruggedness * Designed for broadband operation (2 to 2.2 GHz) * Internal input and output matching for high gain and efficiency. APPLICATIONS * Common source class-AB operation for PCN, PCS, W-CDMA, CDMA and multicarrier applications in the 2000 to 2200 MHz frequency range, operating at 28 V supply voltage. DESCRIPTION 70 W LDMOS power transistor encapsulated in a 2-lead SOT502A flange package with a ceramic cap. Typical W-CDMA performance for a two-carrier 3GPP W-CDMA signal (test model 1, 64 channels) with 66% clipping (peak/average ratio: 8.5 dB at 0.01% per carrier, probability on CCDF) at a supply voltage of 28 V, an IDQ of 1 A and a channel bandwidth of 3.84 MHz (ACLR and dim3 measured in 3.84 MHz bandwidth, adjacent channels measured at 5 MHz): Frequency: 2135 to 2145 MHz Average output power: 10 W Gain: 13 dB Efficiency: 20% ACLR: -40 dB dim3: -3 dBc. QUICK REFERENCE DATA RF performance at Th = 25 C in a common source test circuit. MODE OF OPERATION 2-tone, class-AB f (MHz) f1 = 2170; f2 = 2170.1 VDS (V) 28 CAUTION PL (W) 65 (PEP) Gp (dB) >11
Top view
handbook, halfpage
BLF2022-70
PINNING - SOT502A PIN 1 2 3 drain gate source, connected to flange DESCRIPTION
1
2
3
MBK394
Fig.1 Simplified outline.
D (%) >30
dim (dBc) -25
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
2002 May 17
2
Philips Semiconductors
Product specification
UHF power LDMOS transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VDS VGS ID Tstg Tj drain-source voltage gate-source voltage DC drain current storage temperature junction temperature PARAMETER - - - -65 - MIN.
BLF2022-70
MAX. 65 15 9 +150 200 V V A
UNIT
C C
THERMAL CHARACTERISTICS SYMBOL Rth j-h Note 1. Determined under specified RF operating conditions. CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)DSS VGSth IDSS IDSX IGSS gfs RDSon Crs PARAMETER drain-source breakdown voltage gate-source threshold voltage drain-source leakage current on-state drain current gate leakage current forward transconductance drain-source on-state resistance feedback capacitance CONDITIONS VGS = 0; ID = 1.4 mA VDS = 10 V; ID = 140 mA VGS = 0; VDS = 26 V VGS = VGSth + 9 V; VDS = 10 V VGS = 15 V; VDS = 0 VDS = 10 V; ID = 5 A VGS = VGSth + 9 V; ID = 5 A VGS = 0; VDS = 26 V; f = 1 MHz MIN. 65 4.4 - 18 - - - - TYP. - - - - - 4.2 0.15 3.4 MAX. - 5.5 10 - 25 - - - UNIT V V A A nA S pF PARAMETER CONDITIONS VALUE 1.15 UNIT K/W
thermal resistance from junction to heatsink Th = 25 C; note 1
APPLICATION INFORMATION RF performance in a common source class-AB circuit. Th = 25 C; Rth j-h = 1.15 K/W; unless otherwise specified. MODE OF OPERATION 2-tone, class-AB f (MHz) f1 = 2170; f2 = 2170.1 VDS (V) 28 IDQ (mA) 500 PL (W) 65 (PEP) Gp (dB) >11 D (%) >30 dim (dBc) -25
Ruggedness in class-AB operation The BLF2022-70 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the following conditions: VDS = 28 V; IDQ = 500 mA; PL = 65 W (CW); f = 2170 MHz.
2002 May 17
3
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-70
handbook, halfpage
15
MGW530
60
MGW531
handbook, halfpage
0
Gp (dB) 10
Gp
D
(%) 40
dim (dBc) -20 d3 d5 d7
D
-40
5
20 -60
0 0 20 40 60
0 80 100 PL (PEP) (W)
-80
0
20
40
60
80 100 PL (PEP) (W)
VDS = 28 V; IDQ = 500 mA; Th 25 C; f1 = 2170 MHz; f2 = 2170.1 MHz.
VDS = 28 V; IDQ = 500 mA; Th 25 C; f1 = 2170 MHz; f2 = 2170.1 MHz.
Fig.2
Power gain and drain efficiency as functions of peak envelope load power; typical values.
Fig.3
Intermodulation distortion as a function of peak envelope load power; typical values.
handbook, halfpage
15
MGW532
60
MGW533
handbook, halfpage
0
Gp (dB)
(1)
(2)
D
(%)
d3 (dBc) -20
(3)
10
(4) (5) (6)
40
(1)
-40
(2)
5
20 -60
(3)
0 0 20 40 60
0 80 100 PL (PEP) (W)
-80
0
20
40
60
80 100 PL (PEP) (W)
VDS = 28 V; Th 25 C; f1 = 2170 MHz; f2 = 2170.1 MHz. (1) IDQ = 600 mA. (2) IDQ = 500 mA. (3) IDQ = 400 mA. (4) IDQ = 400 mA. (5) IDQ = 500 mA. (6) IDQ = 600 mA.
VDS = 28 V; Th 25 C; f1 = 2170 MHz; f2 = 2170.1 MHz. (1) IDQ = 400 mA. (2) IDQ = 500 mA. (3) IDQ = 600 mA.
Fig.4
Power gain and drain efficiency as functions of peak envelope load power; typical values.
Fig.5
Third order intermodulation distortion as a function of peak envelope load power; typical values.
2002 May 17
4
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-70
handbook, halfpage
15
MGW534
30
Gp
handbook, halfpage
0
MGW535
0 ACLR (dBc) -20
Gp (dB) 10
D (%) D
20
dim (dBc) -20
5
10
-40
dim ACLR
-40
0 30
32
34
36
38 PL(AV) (dBm)
0 40
-60 30 32 34 36
-60 40 PL(AV) (dBm) 38
VDS = 28 V; IDQ = 450 mA; Th 25 C; f1 = 2135 MHz; f2 = 2145 MHz. Two-carrier W-CDMA performance. Input signal: 3GPP W-CDMA 1-64DPCH with 66 % clipping; peak to average power ratio: 8.5 dB at 0.01 % and 9.2 dB at 0.0001 % (CCDF) per carrier; channel spacing/bandwidth = 5 MHz / 3.84 MHz. Measured in a W-CDMA application circuit.
VDS = 28 V; IDQ = 450 mA; Th 25 C; f1 = 2135 MHz; f2 = 2145 MHz. Two-carrier W-CDMA performance. Input signal: 3GPP W-CDMA 1-64DPCH with 66 % clipping; peak to average power ratio: 8.5 dB at 0.01 % and 9.2 dB at 0.0001 % (CCDF) per carrier; channel spacing/bandwidth = 5 MHz / 3.84 MHz. Measured in a W-CDMA application circuit.
Fig.7 Fig.6 Power gain and drain efficiency as functions of average load power; typical values.
Intermodulation distortion and adjacent channel power ratio as functions of average load power; typical values.
2002 May 17
5
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-70
handbook, halfpage
8
MLD829
handbook, halfpage
4
MLD830
Zi () 6 ri
ZL () 2
RL
4
0
2
xi
-2
0
-4
XL
-2 1.8
2
2.2
f (GHz)
2.4
-6 1.8
2
2.2
f (GHz)
2.4
VDS = 28 V; ID = 500 mA; PL = 65 W; Th 25 C.
VDS = 28 V; ID = 500 mA; PL = 65 W; Th 25 C.
Fig.8
Input impedance as a function of frequency (series components); typical values.
Fig.9
Load impedance as a function of frequency (series components); typical values.
handbook, full pagewidth
F1 R1 Vgate C5 C10 C11 C12 C13 C14 R2
VDD
L4 C4 L6 L2 L8 L10 L11
L13 C9
L15 L17 C8 L1 L3 C2 L5 L7 C1 L12 L14 L16 C6 L18 C7
MGS920
input 50
C3 L20
L19
output 50
L9
Fig.10 Class-AB test circuit at f = 2.2 GHz.
2002 May 17
6
Philips Semiconductors
Product specification
UHF power LDMOS transistor
List of components (See Figs 10 and 11) COMPONENT C3, C8 C4, C9 C5, C12 C10 C11 C13 C14 F1 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10, L11 L12 L13 L14 L15 L16 L17 L18 L19 L20 R1, R2 Notes 1. American Technical Ceramics type 100B or capacitor of same quality. 2. American Technical Ceramics type 100A or capacitor of same quality. DESCRIPTION VALUE 0.4 to 2.5 pF DIMENSIONS
BLF2022-70
CATALOGUE NO.
C1, C2, C6, C7 Tekelec variable capacitor; type 37281
multilayer ceramic chip capacitor; note 1 12 pF multilayer ceramic chip capacitor; note 2 12 pF electrolytic capacitor multilayer ceramic chip capacitor tantalum SMD capacitor electrolytic capacitor Ferroxcube chip-bead 8DS3/3/8/9-4S2 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 metal film resistor 50 14.5 50 6 50 9.5 50 9.8 24.4 5.1 25.4 5.7 25.4 11.3 50 16.1 50 50 50 10 , 0.6 W 2.9 x 2.4 mm 4 x 11.7 mm 3.7 x 2.4 mm 2 x 30.8 mm 3.6 x 2.4 mm 3 x 18.8 mm 7.8 x 2.4 mm 4 x 18.3 mm 5 x 6.3 mm 7 x 37 mm 10.1 x 6 mm 2.4 x 32.8 mm 7.4 x 6 mm 2.5 x 15.6 mm 10.8 x 2.4 mm 3 x 10.4 mm 2.3 x 2.4 mm 3 x 2.4 mm 5.5 x 2.4 mm 2322 156 11009 10 F; 100 V 100 nF 4.5 F; 50 V 100 F; 63 V 2222 037 58101 4330 030 36301 2222 037 59109 2222 581 16641 multilayer ceramic chip capacitor; note 1 1 nF
3. The striplines are on a double copper-clad printed-circuit board with Teflon dielectric (r = 2.2); thickness 0.79 mm.
2002 May 17
7
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-70
handbook, full pagewidth
50
50
95
INPUT
OUTPUT
PH990109
VGS VDD
PH990110
C14 C5 R1 C13 C10 C9
R2 F1 C12 C11
C4
C3 C2 C1 C6 C7
C8
INPUT
OUTPUT
PH990109
PH990110
MGU538
Dimensions in mm. The components are situated on one side of the copper-clad printed-circuit board with Teflon dielectric (r = 2.2), thickness 0.79 mm. The other side is unetched and serves as a ground plane.
Fig.11 Component layout for 2.2 GHz class-AB test circuit.
2002 May 17
8
Philips Semiconductors
Product specification
UHF power LDMOS transistor
PACKAGE OUTLINE Flanged LDMOST ceramic package; 2 mounting holes; 2 leads
BLF2022-70
SOT502A
D
A
3
D1
F
U1 q C
B c
1
L
H
U2
p w1 M A M B M
E1
E
A
2
b w2 M C M Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.72 3.99 0.186 0.157 b 12.83 12.57 c 0.15 0.08 D D1 E 9.50 9.30 E1 9.53 9.25 F 1.14 0.89 H 19.94 18.92 L 5.33 4.32 p 3.38 3.12 Q 1.70 1.45 q 27.94 U1 34.16 33.91 1.345 1.335 U2 9.91 9.65 0.390 0.380 w1 0.25 0.01 w2 0.51 0.02
20.02 19.96 19.61 19.66 0.788 0.786 0.772 0.774
0.505 0.006 0.495 0.003
0.374 0.375 0.366 0.364
0.045 0.785 0.035 0.745
0.210 0.133 0.170 0.123
0.067 1.100 0.057
OUTLINE VERSION SOT502A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-10-13 99-12-28
2002 May 17
9
Philips Semiconductors
Product specification
UHF power LDMOS transistor
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
BLF2022-70
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2002 May 17
10
Philips Semiconductors
Product specification
UHF power LDMOS transistor
NOTES
BLF2022-70
2002 May 17
11
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2002
SCA74
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613524/03/pp12
Date of release: 2002
May 17
Document order number:
9397 750 09624


▲Up To Search▲   

 
Price & Availability of BLF2022-70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X